PART |
Description |
Maker |
MAX12527 MAX12527ETK |
Dual, 65Msps, 12-Bit, IF/Baseband ADC
|
MAXIM[Maxim Integrated Products]
|
MAX12557 MAX12557ETK |
Dual, 65Msps, 14-Bit, IF/Baseband ADC
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. http://
|
MAX12527 MAX12527ETK |
Dual, 65Msps, 12-Bit, IF/Baseband ADC
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. http://
|
MAX1182 |
Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
|
Maxim Integrated Produc...
|
LTC1742 1742F LTC1742CFW |
14-Bit, 65Msps Low Noise ADC From old datasheet system 5V, 65Msps Low Noise ADC Parallel Interface
|
Linear Technology
|
LTM9008IY-14PBF |
14-Bit, 65Msps Low Power Octal ADCs
|
Linear Technology
|
LTC2272 LTC2272CUJ LTC2272CUJ-PBF LTC2272CUJ-TR LT |
16-Bit, 80Msps/65Msps Serial Output ADC
|
Linear Technology
|
MAX1419ETN-D MAX1419ETND |
15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
|
MAXIM - Dallas Semiconductor
|
LTC2296CUPPBF LTC2297IUPPBF LINEARTECHNOLOGYCORP-L |
Dual 14-Bit, 25Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 14-Bit, 40Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C Dual 14-Bit, 65Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C Dual 14-Bit, 25Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD10226/PCB AD10226AB AD10226-15 |
Dual Channel, 12-Bit 125 MSPS IF Sampling A/D Converter ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
|
Analog Devices, Inc.
|